Part Number Hot Search : 
ADM10 61330 SM2Z17 AO4407 0K221 PDC1004 MAX4111 39000
Product Description
Full Text Search
 

To Download 5655F1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 147 Central Avenue Hackensack, New Jersey 07601 Tel: 201-489-8989 * Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
5655 Series T-1 Right Angle LED Assembly
DESCRIPTION AND FEATURES
.115.015 .200 R E F. .290 .180 .190 .018 S Q. TYP. ANODE(+) O 13" R E F . SEE # 3
.700 R E F .
ANODE (+)
SEE # 1
SEE # 4 .100 R E F. .160 SEE # 2
1.500 .550 REEL
NUMB E R 1 2 3
All dimens ions in inches .
DE S C R IP T ION T AP E WIDT H HOLE P IT C H P AR T T O T AP E
C E N. T O C E N. P OS IT ION
DIM.(mm) 18 12.7
T OL. +1 -.5 +/-.3
18.4/22.6 6.3 +/-1.3
4
Features *Tape and reel for automatic assembly to PC boards-meets EIA STD RS-468. *T-1 size lamp-preassembled into plastic block, height and spacing alignment saves assembly time/cost. *High contrast ratio. *Standoffs prevent flux entrapments. *Standard reel quantity 750 pcs. Housing: Black plastic, meets UL 94V-O Note: Alternate LEDs are also available in this package as a standard variation.
ELECTRO-OPTICAL CHARACTERISTICS AND RATINGS
T ypical Intensity (mcd) 10 7 16 6.3 R ated C urrent (mA) 10 10 10 10
C ontinuous F orward C urrent Max. (mA)
P art Number 5655F 1 5655F 3 5655F 5 5655F 7
E mitted C olor R ed Amber G reen Y ellow
F orward V oltage T yp. (V ) 2.0 2.2 2.2 2.1 Max. (V ) 3.0 3.0 3.0 3.0
R everse B reakdown V oltage Min. (V )
P eak Wavelength (nm) 650 603 562 585
30 30 30 30
5 5 5 5
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
1-150


▲Up To Search▲   

 
Price & Availability of 5655F1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X